Part Number Hot Search : 
SB140 M4S78ZBJ FES16JTR 2477M002 2B940A IVA04118 P060002 MC56F
Product Description
Full Text Search
 

To Download TK15403MTL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TK15403
75 VIDEO LINE DRIVER FEATURES
s s s s s Internal 75 Drivers 20 MHz Gain Band Width 2 Channel High Speed Operational Amplifiers Very Small SOT23L-8 Package Single +5 V Power Supply Operation
APPLICATIONS
s s s s s s Video Equipment Digital Cameras CCD Cameras TV Monitors Video Tape Recorders LCD Projectors
DESCRIPTION
Operating from a single +5 V supply, the TK15403M is a dual video line driver IC that takes standard video signals as analog inputs and provides buffered analog outputs for driving 150 loads (series 75 resistor and 75 cable load). The standard video input signals (1 VP-P) are typically amplified 6 dB using external components to produce a 2 VP-P signal into an AC-coupled 150 load. Nominal power dissipation (no input) is typically 56 mW. The TK15403M is available in the very small SOT23L-8 surface mount package.
TK15403
-INA
OUTA VCC GND
+INA
01S
+INB
-INB
OUTB
BLOCK DIAGRAM
-
ORDERING INFORMATION
+ -
TK15403M
Tape/Reel Code
TAPE/REEL CODE
TL: Tape Left
December 1999 TOKO, Inc.
VCC
+
Page 1
TK15403
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ........................................................... 6 V Operating Voltage ......................................... 4.5 to 5.5 V Power Dissipation (Note 1) ................................ 200 mW Storage Temperature Range ................... -55 to +150 C Operating Temperature Range ...................-25 to +75 C
TK15403M ELECTRICAL CHARACTERISTICS
Test conditions: VCC = 5.0 V, VIN = 1.0 VP-P, RL = 150 , TA = 25 C unless otherwise specified.
SYMBOL ICC GVA fr 1 fr 2 THD VOUT(MAX) CT S/N DG DP GVO BW SR CIN RIN
PARAMETER Supply Current Voltage Gain Frequency Response 1 Frequency Response 2 Total Harmonic Distortion Maximum Output Voltage Cross Talk Signal to Noise Ratio Differential Gain Differential Phase Open Circuit Voltage Gain Frequency Band Width Slew Rate Input Capacitance Input Resistance
TEST CONDITIONS No input fin = 1 MHz (Note 2)
MIN
TYP 11.1
MAX 16.0 6.3
UNITS mA dB dB dB
5.7
6.0 0.4 -1.2 0.2
fin = 1 MHz / 5 MHz fin = 1 MHz / 10 MHz fin = 1.0 kHz THD = 10% point fin = 1 MHz Pedestal signal Staircase signal input Staircase signal input -3.0 -3.0 1.0
1.0
% Vrms
1.2 -57 -70 +3.0 +3.0 40 20 70 9 1.6 -40
dB dB % deg dB MHz V/S pF M
Note 1: Power dissipation is 200 mW in free air. Derate at 1.6 mW/C for operation above 25C. Note 2: Set by external components.
Page 2
December 1999 TOKO, Inc.
TK15403
TEST CIRCUIT
V Channel A is the same measurement circuit as Channel B. V CC + TP1 4.7 F + 10 k 33 F 5V
CC
20 k
10 k
47 F TP2 +
SW1 SW1 is closed only when DG and DP are measured. 75 2 k 47 F + 75 TP3
2 k
MEASUREMENT METHOD 1. Supply Current (ICC) The Pin 7 current is measured with no input signal. 2. Voltage Gain (GVA) The Voltage Gain equation is as follows: GVA = 20 log10 V2/V1 Where V1 is the input voltage at TP1 and V2 is the measured voltage at TP2. 3. Frequency Response (fr1 and fr2) The frequency response equation is as follows: fr = 20 log10 V2/V1 Where V1 is the measured TP3 voltage when the TP1 input frequency is set to 1 MHz. For fr1 V2 is the measured TP3 voltage when the TP1 input frequency is set to 5 MHz. For fr2 V2 is the measured TP3 voltage when the TP1 input frequency is set to 10 MHz. These measurements and calculations are taken for both channels. 4. Total Harmonic Distortion (THD) The TP3 signal is measured when a 1 kHz 1 VP-P input signal is applied to TP1. 5. Maximum Output Voltage (VOUT(MAX)) A 1 kHz input signal is applied to TP1 and slowly increased. The output voltage at TP2 is measured at the point the THD reaches 10%. 6. Cross Talk (CT) The Cross Talk equation is as follows: CT = 20 log10 V1/V2 V1 is measured at output B when a 1 MHz input frequency and 1 VP-P input signal voltage is applied to Input A, V2 is measured at Output B when a 1 MHz input frequency and 1 VP-P input signal voltage is applied to Input B. CT is also calculated at the opposite side when V1 is measured at Output A when input signal is applied to Input B and V2 is measured at Output A when input signal is applied to Input A. December 1999 TOKO, Inc. Page 3
TK15403
MEASUREMENT METHOD (CONT.) 7. Signal to Noise Ratio (S/N) The signal to noise ratio is measured at TP3 when the pedestal signal input is applied to TP1. 8. Differential Gain (DG) SW1 is closed to change the input bias voltage. The differential gain is measured at TP3 when a staircase waveform of 10 steps is applied to TP1. 9. Differential Phase (DP) SW1 is closed to change the input bias voltage. The differential phase is measured at TP3 when a staircase waveform of 10 steps is applied to TP1.
Page 4
December 1999 TOKO, Inc.
TK15403
TYPICAL PERFORMANCE CHARACTERISTICS
SUPPLY CURRENT VS. TEMPERATURE 14
VCC = 5.0 V, No Input
SUPPLY CURRENT VS. SUPPLY VOLTAGE 14
TA = 25 C, No Input
13 ICC (mA) ICC (mA) 0 TA (C) 50 100 12 11 10 9 -50
13 12 11 10 9 4.0
4.5
5.0 VCC (V)
5.5
6.0
VOLTAGE GAIN VS. TEMPERATURE 8.0
VCC = 5.0 V, fin = 1 MHz, VIN = 1 VP-P
VOLTAGE GAIN VS. SUPPLY VOLTAGE 8.0
TA = 25 C, fin = 1 MHz, VIN = 1 VP-P
7.0
GVA (dB) GVA (dB)
7.0
6.0
6.0
5.0
5.0
4.0 -50
0 TA (C)
50
100
4.0 4.0
4.5
5.0 VCC (V)
5.5
6.0
FREQUENCY RESPONSE VS. TEMPERATURE 0.5
fin = 1/5 MHz, VIN = 1 VP-P
FREQUENCY RESPONSE VS. SUPPLY VOLTAGE 0.5
fin = 1/5 MHz, VIN = 1 VP-P
0.0
fr (dB) fr (dB)
0.0
-0.5
-0.5
-1.0
-1.0
-1.5 -50
0 TA (C)
50
100
-1.5 4.0
4.5
5.0 VCC (V)
5.5
6.0
December 1999 TOKO, Inc.
Page 5
TK15403
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
DIFFERENTIAL GAIN VS. TEMPERATURE 6 4 2
DG (%)
VCC = 5.0 V, VIN = 1 VP-P
DIFFERENTIAL GAIN VS. SUPPLY VOLTAGE 10
TA = 25 C VIN = 1 VP-P
0
DG (%)
0 -2
-10
-20 -4 -6 -50 -30 4.0
0 TA (C)
50
100
4.5
5.0 VCC (V)
5.5
6.0
DIFFERENTIAL PHASE VS. TEMPERATURE 6 4 2
VCC = 5.0 V, VIN = 1 VP-P
DIFFERENTIAL PHASE VS. SUPPLY VOLTAGE 6 4 2
TA = 25 C, VIN = 1 VP-P
DP (deg)
DP (deg)
0 -2 -4 -6 -50
0 -2 -4 -6 4.0
0 TA (C)
50
100
4.5
5.0 VCC (V)
5.5
6.0
VOLTAGE GAIN VS. INPUT FREQUENCY 10
VCC = 5 V, VIN = 1 VP-P
OPEN CIRCUIT VOLTAGE GAIN VS. INPUT FREQUENCY 50 40 30
VCC = 5 V, VIN = 1 VP-P
5
GVO (dB)
GV (dB)
0
20 10
-5
0
-10 0.1
1
10 fIN (MHz)
100
-10 0.1
1
10 fIN (MHz)
100
Page 6
December 1999 TOKO, Inc.
TK15403
TERMINAL PIN NO. 1 2 INTERNAL EQUIVALENT CIRCUIT SYMBOL -INPUT +INPUT VOLTAGE
VCC
DESCRIPTION
Pin 1 is the inverting input for Channel A. Pin 2 is the noninverting input for Channel A.
3 4
+INPUT -INPUT
VCC
Pin 3 is the noninverting input for Channel B. Pin 4 is the inverting input for Channel B.
5
OUTPUT
VCC
Output terminal for Channel B. Pin 5 is available to drive 75 + 75 load.
6 7 8
GND VCC OUTPUT
GND VCC
VCC
GND terminal. Power supply terminal. Output terminal for Channel A. Pin 8 is available to drive 75 + 75 load.
December 1999 TOKO, Inc.
Page 7
TK15403
PACKAGE OUTLINE
SOT23L-8
0.45
Marking Information
Marking 403
TK15403
8
5 marking 1.0
e 0.8 1 e 0.8 4
+0.15 - 0.05
Recommended Mount Pad 0.1 M
0.3
+0.3
3.5 - 0.1
(3.4) 0.3
2.2
1.4max
1.2
e1 3.0
0 - 0.1
+0.15 - 0.05
0.4
+ 0.3
0.15
0.1
3.3
Dimensions are shown in millimeters Tolerance: x.x = 0.2 mm (unless otherwise specified)
Toko America, Inc. Headquarters 1250 Feehanville Drive, Mount Prospect, Illinois 60056 Tel: (847) 297-0070 Fax: (847) 699-7864
TOKO AMERICA REGIONAL OFFICES
Midwest Regional Office Toko America, Inc. 1250 Feehanville Drive Mount Prospect, IL 60056 Tel: (847) 297-0070 Fax: (847) 699-7864 Western Regional Office Toko America, Inc. 2480 North First Street , Suite 260 San Jose, CA 95131 Tel: (408) 432-8281 Fax: (408) 943-9790 Eastern Regional Office Toko America, Inc. 107 Mill Plain Road Danbury, CT 06811 Tel: (203) 748-6871 Fax: (203) 797-1223 Semiconductor Technical Support Toko Design Center 4755 Forge Road Colorado Springs, CO 80907 Tel: (719) 528-2200 Fax: (719) 528-2375
Visit our Internet site at http://www.tokoam.com
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture of its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or other rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
Page 8
(c) 1999 Toko, Inc. All Rights Reserved IC-xxx-TK15403 1299O0.0K
15 max
December 1999 TOKO, Inc.
Printed in the USA


▲Up To Search▲   

 
Price & Availability of TK15403MTL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X